Part Number Hot Search : 
GC1501 SR205 331M10 BFC505 36ACP 2SK24F EB13C5 84063261
Product Description
Full Text Search
 

To Download AP9973GJ-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 60v single drive requirement r ds(on) 80m surface mount package i d 14a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value unit rthj-c maximum thermal resistance, junction-case 4.5 /w rthj-a 62.5 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data and specifications subject to change without notice ap9973gh/j-hf halogen-free product maximum thermal resistance, junction-ambient (pcb mount) 3 parameter rating drain-source voltage 60 gate-source voltage + 20 continuous drain current, v gs @ 10v 14 linear derating factor 0.22 storage temperature range continuous drain current, v gs @ 10v 9 pulsed drain current 1 40 total power dissipation 27 -55 to 150 operating junction temperature range -55 to 150 201008034 thermal data parameter 1 advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost- effectiveness. g d s the to-252 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap9973gj) are available for low-profile applications. g d s to-251(j) g d s to-252(h)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v bv dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.05 - v/ r ds(on) static drain-source on-resistance 2 v gs =10v, i d =9a - - 80 m ? v gs =4.5v, i d =6a - - 100 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =9a - 14 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 1 ua drain-source leakage current (t j =125 o c) v ds =48v ,v gs =0v - - 250 ua i gss gate-source leakage v gs = + 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =9a - 8 13 nc q gs gate-source charge v ds =48v - 3 - nc q gd gate-drain ("miller") charge v gs =4.5v - 4 - nc t d(on) turn-on delay time 2 v ds =30v - 7 - ns t r rise time i d =9a - 15 - ns t d(off) turn-off delay time r g =3.3 ,v gs =10v - 16 - ns t f fall time r d =3.3 -3- ns c iss input capacitance v gs =0v - 720 1150 pf c oss output capacitance v ds =25v - 77 - pf c rss reverse transfer capacitance f=1.0mhz - 45 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =14a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =9a, v gs =0 v , - 28 - ns q rr reverse recovery charge di/dt=100a/s - 27 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap9973gh/j-hf 3.surface mounted on 1 in 2 copper pad of fr4 board
a p9973gh/j-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature 2.01e+08 fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 5 10 15 20 25 30 35 40 45 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) v g =3.0v t c =25 o c 10v 7.0v 5.0v 4.5v 65 70 75 80 85 90 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =9a t c =25 o c 0 4 8 12 16 20 24 28 32 01234567 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c v g =3.0v 10v 7.0v 5.0v 4.5v 0.0 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =9a 0.4 0.8 1.2 1.6 2 2.4 -50 0 50 100 150 t j ,junction temperature ( o c) v gs(th) (v) 0 2 4 6 8 10 12 14 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
ap9973gh/j-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 10 100 1000 10000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz ciss coss crss 0 2 4 6 8 10 12 0 4 8 12 16 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds = 30v v ds =38v v ds =48v i d =9a 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc


▲Up To Search▲   

 
Price & Availability of AP9973GJ-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X